Part Number Hot Search : 
8M000 PST9346 SD1500BD 180N03 CY7C1380 68HC70 TM32F KX45M15A
Product Description
Full Text Search
 

To Download TFP50N06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  number: db-228 august 2011, revision a page 1 tak cheong ? semiconductor n-channel power mosfet 50a, 60v, 0.023 ? general description this n-channel mosfet is used an advanced termination scheme to provide enhanced voltage-blocking capability without degrading performance over time. this advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance. this device is well suited for high efficiency switched mode power suppliers, active power factor correction, electronic lamp ballasts based half bridge topology. features avalanche energy specified gate charge (typical 36nc) high ruggedness 1 = gate 2 = drain 3 = source device marking diagram absolute maximum ratings ( t c =25c , unless otherwise noted ) symbol parameter value units v dss drain- source voltage 60 v v gss gate-source voltage 25 v i d drain current 50 a i dm drain current pulsed 200 a power dissipation (note 2) 120 w p d derating factor above 25 0.8 w/ e as single pulsed avalanche energy (note 1) 642 mj e ar repetitive avalanche energy (note 2) 12 mj dv/dt peak diode recovery dv/dt (note 3) 7.0 v/ns t j operating junction temperature 150 t stg storage temperature range - 55 to +150 notes: 1. l=300uh, i as =50a, v dd =25v, r g =50 , starting t j =25 . 2. repetitive rating: pulse width limited by maximum junction temperature. 3. i sd 50a, di/dt 300a/us, v dd bv dss , starting t j =25 . thermal characteristics symbol parameter value unit r jc thermal resistance, junction-to-case 1.25 /w r ja thermal resistance, junction-to-ambient 62.5 /w TFP50N06 1 2 3 to-220ab g d s l xxyy tfp xxxx l = tak cheong logo xxyy = monthly date code tfpxxxx = device type
number: db-228 august 2011, revision a page 2 tak cheong ? semiconductor electrical characteristics off characteristics (t a = 25c unless otherwise noted) symbol parameter test conditions min. typ. max. unit bv dss drain-sounce breakdown voltage v gs = 0v, i d = 250ua 60 -- -- v i dss zero gate voltage drain current v ds = 60v, v gs = 0v -- -- 1 ua i gssf gate-body leakage current, forward v gs = 25v, v ds = 0v -- -- 100 na i gssr gate-body leakage current, reverse v gs = -25v, v ds = 0v -- -- -100 na on characteristics (t a = 25c unless otherwise noted) symbol parameter test conditions min. typ. max. unit v gs (th) gate threshold voltage v ds = v gs , i d = 250ua 2.0 -- 4.0 v r ds(on) on-resistance v gs = 10v, i d = 25a -- 0.017 0.023 dynamic characteristics symbol parameter test conditions min. typ. max. unit ciss input capacitance -- --- 1460 pf coss output capacitance -- --- 580 pf crss reverse transfer capacitance v ds = 25v, v gs = 0v, f = 1.0mhz -- --- 90 pf switching characteristics symbol parameter test conditions min. typ. max. unit t d(on) turn-on delay time -- 50 -- ns tr turn-on rise time -- 165 -- ns t d(off) turn-off delay time -- 78 -- ns tr turn-off fall time v dd = 30v, i d = 25a, r g = 25 (note 4 & 5) -- 60 -- ns qg total gate charge -- 36 45 nc qgs gate-source charge -- 8.5 -- nc qgd gate-drain charge v ds = 160v, i d = 8.0a, v gs = 10v (note 4 & 5) -- 12 -- nc drain-source diode characteristics and maximum ratings symbol parameter test conditions min. typ, max. unit i s continuous drain-source current -- -- 50 a i sm pulsed drain-source current integral reverse p-n junction diode in the mosfet -- -- 200 a v sd drain-source diode forward voltage v gs = 0v, i s = 50a -- -- 1.5 v trr reverse recovery time -- 95 -- ns qrr reverse recovery charge v gs = 0v, i s = 50a, di f / dt = 100a/us (note 4) -- 250 -- uc notes: 4. pulse test: pulse width < 300us, duty cycle 2%. 5. basically not affected by working temperature.
number: db-228 august 2011, revision a page 3 tak cheong ? semiconductor typical characteristics
number: db-228 august 2011, revision a page 4 tak cheong ? semiconductor
number: db-228 august 2011, revision a page 5 tak cheong ? semiconductor
number: db-228 august 2011, revision a page 6 tak cheong ? semiconductor
number: db-228 august 2011, revision a page 7 tak cheong ? semiconductor to220ab package outline millimeters inches dim min max min max a 3.60 4.80 0.142 0.189 a1 1.20 1.40 0.047 0.055 a2 2.03 2.90 0.080 0.114 b 0.40 1.00 0.016 0.039 b2 1.20 1.78 0.047 0.070 c 0.36 0.60 0.014 0.024 d 14.22 16.50 0.560 0.650 e 2.34 2.74 0.092 0.108 e 9.70 10.60 0.382 0.417 h1 5.84 6.85 0.230 0.270 l 12.70 14.70 0.500 0.579 l1 2.70 3.30 0.106 0.130 ?p 3.50 4.00 0.138 0.157 q 2.54 3.40 0.100 0.134 note: above package outline conforms to jedec to-220ab
number: db-100 april 14, 2008 / a disclaimer notice tak cheong ? notice the information presented in this document is for reference only. tak cheong reserves the right to make changes without notice for the specification of the products displayed herein. the product listed herein is designed to be used with ordinary electronic equipment or devices, and not designed to be used with equipment or devices which require high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controlle rs and other safety devices), tak cheong semiconductor co., ltd., or anyone on its behalf, assumes no responsi bility or liability for any damagers resulting from such improper use of sale. this publication supersedes & replaces all information reviously supplied. for additional information, please visit our website http://www.takcheong.com , or consult your nearest tak cheong?s sales office for further assistance.


▲Up To Search▲   

 
Price & Availability of TFP50N06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X